PART |
Description |
Maker |
IMS5SWDBHR10G65 H390K40 IMS5SWDST151K65 |
IND RF SHLD/MLD 100NH 2% 25MHZ 50 PHENOLIC 2.9A AXL - Bulk General Fixed Inductor, IND,FERRITE,39UH,10% TOL,10% -TOL General Fixed Inductor, IND,FERRITE,150UH,10% TOL,10% -TOL
|
Vishay Dale
|
HBZ102KBBCRAKR HBZ101MBBCRAKR HBZ102KBBCD0KR HAZ68 |
CAP,CERAMIC,1NF,2KVDC,10% -TOL,10% TOL CAP,CERAMIC,100PF,2KVDC,20% -TOL,20% TOL CAP,CERAMIC,68PF,1KVDC,20% -TOL,20% TOL CAP,CERAMIC,150PF,1KVDC,10% -TOL,10% TOL CAPACITOR, CERAMIC, 1000 V, K2000, 0.000068 uF, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT CAP,CERAMIC,150PF,1KVDC,20% -TOL,20% TOL Cap Ceramic 0.01uF 2000V K10000 -20% to 50% (13 X 3mm) Radial 7.5mm 85C Bulk CAP,CERAMIC,220PF,1KVDC,10% -TOL,10% TOL CAP,CERAMIC,100PF,8KVDC,10% -TOL,10% TOL CAP,CERAMIC,100PF,8KVDC,20% -TOL,20% TOL Cap Ceramic 0.0022uF 2000V K6000 20% (9 X 3mm) Radial 7.5mm 85C Bulk CAPACITOR, CERAMIC, 2000 V, 0.0022 uF, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, 1000 V, 0.00022 uF, THROUGH HOLE MOUNT, RADIAL LEADED CAPACITOR, CERAMIC, 1000 V, 0.00068 uF, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT CAP,CERAMIC,680PF,1KVDC,10% -TOL,10% TOL CAPACITOR, CERAMIC, 1000 V, 0.000068 uF, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT CAP,CERAMIC,1NF,1KVDC,10% -TOL,10% TOL CAPACITOR, CERAMIC, 1000 V, 0.001 uF, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT CAP,CERAMIC,10NF,2KVDC,20% -TOL,50% TOL Cap Ceramic 0.001uF 3000V K2000 10% (11 X 4mm) Radial 10mm 85C Bulk Cap Ceramic 0.001uF 3000V K2000 20% (11 X 4mm) Radial 10mm 85C Bulk CAPACITOR, CERAMIC, 3000 V, 0.00015 uF, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT CAP,CERAMIC,1.5NF,2KVDC,20% -TOL,20% TOL
|
Vishay Draloric
|
BT154 |
CAP,MET POLYESTER (MYLAR),33NF,630VDC,5-% TOL,5 % TOL From old datasheet system
|
AVX Corporation
|
WKP101MCPERUKR |
CAP,CERAMIC,100PF,20% -TOL,20% TOL,K1500 TC CODE
|
Vishay Draloric
|
36DY562F450DJ2A 36DY332F450DD2D |
CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 450 V, 5600 uF, CHASSIS MOUNT, CAN, ROHS COMPLIANT CAP,AL2O3,3.3MF,450VDC,10% -TOL,50% TOL
|
Vishay Sprague
|
RCMT0221501BES03 RCMT2057602FHB25 VISHAYSFERNICE-R |
Film/Foil Resistor, RES,AXIAL,METAL FILM,21.5K OHMS,300WV,.1% /-TOL,-25,25PPM TC RCMT Molded Metal Film High Stability (< 0.25 % after 1000 h) High Temperature (up to 175 °C) Precision Resistors Film/Foil Resistor, RES,AXIAL,METAL FILM,82.5 OHMS,350WV,.1% /-TOL,-15,15PPM TC Film/Foil Resistor, RES,AXIAL,METAL FILM,24.9K OHMS,200WV,1% /-TOL,-50,50PPM TC Film/Foil Resistor, RES,AXIAL,METAL FILM,10K OHMS,400WV,1% /-TOL,-50,50PPM TC Film/Foil Resistor, RES,AXIAL,METAL FILM,100K OHMS,400WV,1% /-TOL,-25,25PPM TC Film/Foil Resistor, RES,AXIAL,METAL FILM,100 OHMS,400WV,.1% /-TOL,-15,15PPM TC Film/Foil Resistor, RES,AXIAL,METAL FILM,104K OHMS,400WV,.1% /-TOL,-15,15PPM TC Film/Foil Resistor, RES,AXIAL,METAL FILM,18K OHMS,300WV,.1% /-TOL,-25,25PPM TC Film/Foil Resistor, RES,AXIAL,METAL FILM,2.1K OHMS,200WV,.5% /-TOL,-50,50PPM TC
|
Vishay Sfernice
|
DR0608-684L DR0608-154L DR0608-104L DR0608-105L DR |
Power inductor, 10/20% tol, RoHS 1 ELEMENT, 680 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10/20% tol, RoHS 1 ELEMENT, 150 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10/20% tol, RoHS 1 ELEMENT, 100 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10/20% tol, RoHS 1 ELEMENT, 1000 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10/20% tol, RoHS 1 ELEMENT, 5.6 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10/20% tol, RoHS 1 ELEMENT, 560 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10/20% tol, RoHS 1 ELEMENT, 330 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10/20% tol, RoHS 1 ELEMENT, 470 uH, GENERAL PURPOSE INDUCTOR
|
Coilcraft, Inc.
|
DR0810-184L DR0810-223L DR0810-154L DR0810-393L DR |
Power inductor, 10/20% tol, RoHS 1 ELEMENT, 180 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10/20% tol, RoHS 1 ELEMENT, 22 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10/20% tol, RoHS 1 ELEMENT, 150 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10/20% tol, RoHS 1 ELEMENT, 39 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10/20% tol, RoHS 1 ELEMENT, 8.2 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10/20% tol, RoHS 1 ELEMENT, 27 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10/20% tol, RoHS 1 ELEMENT, 330 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10/20% tol, RoHS 1 ELEMENT, 3.3 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10/20% tol, RoHS 1 ELEMENT, 470 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10/20% tol, RoHS 1 ELEMENT, 120 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10/20% tol, RoHS 1 ELEMENT, 820 uH, GENERAL PURPOSE INDUCTOR
|
Coilcraft, Inc.
|
40NJR10E 41NJR10E 42NJR10E 43NJR10E 45NJR10E 47NJR |
RESISTOR SILICONE 1.2K OHM 5W RESISTOR, WIRE WOUND, 5 W, 1 %, 20 ppm, 1200 ohm, THROUGH HOLE MOUNT Ohmicone? Silicone-Ceramic Conformal Axial Term. Wirewound, 1% and 5% Tol. Std. Ohmicone庐 Silicone-Ceramic Conformal Axial Term. Wirewound, 1% and 5% Tol. Std. Ohmicone垄莽 Silicone-Ceramic Conformal Axial Term. Wirewound, 1% and 5% Tol. Std.
|
Ohmite Mfg. Co.
|
LPO2506I-103L LPO2506I-104L LPO2506I-105L LPO2506I |
SMT Power Inductors Power inductor, 20% tol, SMT, RoHS 1 ELEMENT, 8.2 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Power inductor, 20% tol, SMT, RoHS 1 ELEMENT, 6.8 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Power inductor, 20% tol, SMT, RoHS 1 ELEMENT, 4.7 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Power inductor, 20% tol, SMT, RoHS 1 ELEMENT, 1000 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Power inductor, 20% tol, SMT, RoHS 1 ELEMENT, 22 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Power inductor, 20% tol, SMT, RoHS 1 ELEMENT, 10 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Power inductor, 20% tol, SMT, RoHS 1 ELEMENT, 100 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Power inductor, 20% tol, SMT, RoHS 1 ELEMENT, 15 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Power inductor, 20% tol, SMT, RoHS 1 ELEMENT, 47 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Power inductor, 20% tol, SMT, RoHS 1 ELEMENT, 68 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Power inductor, 20% tol, SMT, RoHS 1 ELEMENT, 33 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Power inductor, 20% tol, SMT, RoHS 1 ELEMENT, 220 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Power inductor, 20% tol, SMT, RoHS 1 ELEMENT, 680 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 470 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
Coilcraft lnc. Coilcraft, Inc. Electronic Theatre Controls, Inc. COILCRAFT INC
|
|